PART |
Description |
Maker |
TE0107A |
SAW Filter 479.5MHz SMD5X5mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
HF315TO-39 |
315MHz SAW Filter
|
Hope Microelectronics co., Ltd
|
MICRF213AYQS MICRF213 |
3.3V, QwikRadio? 315MHz Receiver 3.3V, QwikRadio 315MHz Receiver 3.3V, QwikRadio㈢ 315MHz Receiver
|
http:// MICREL[Micrel Semiconductor]
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
MAX7033 MAX7033ETJ MAX7033EUI MAX7033EUIT |
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock SPECIALTY TELECOM CIRCUIT, PDSO28 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 315MHz/433MHz ASK超外差接收器,带有AGC锁存 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX7034AUI_VT MAX7034AUI/VT |
315MHz/434MHz ASK Superheterodyne Receiver
|
Maxim Integrated Products
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
1N4448W-T3 1N4448W 1N4448W-T1 1N4448SW-T1 |
75V surface mount fast switching diode VC-MP-A4 SURFACE MOUNT FAST SWITCHING DIODE 表面贴装快速开关二极管 FILTER SAW 315MHZ QUARTZ SMD 表面贴装快速开关二极管
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
MAX7033 MAX7033EUI MAX7033ETJ |
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
|
MAXIM[Maxim Integrated Products]
|
MAX147111 |
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
|
Maxim Integrated Products
|
MAX1473 MAX1473ETJ MAX1473EUI |
"315MHz/433MHz, ASK, Superheterodyne Receiver with Extended Dynamic Range"
|
Maxim
|